Part Number Hot Search : 
C2400 SD40D2 R5F2126 TLMW3102 MAX111 V540MH HCF4724 B72205
Product Description
Full Text Search
 

To Download PM534CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM500CE SERIES
Single, dual and triple output
* * * * * * * * Encapsulated package 1 to 10.5W units 230VAC input (115VAC version, see PM500) PCB mounting Short circuit protection EN55022, EN55011 conducted emissions level B EN61000-4-2, -3, -4, -5, -6 immunity compliant Meets EN60950
[ 2 YEAR WARRANTY ]
The PM500CE series is an encapsulated, board mountable linear AC/DC power module with the CE mark to demonstrate compliance with the Low Voltage Directive for European applications. The series has single, dual and triple output models with industry standard output configurations operating from an input voltage of 230VAC making the PM500CE series suitable for a wide range of low power PCB applications. The PM500CE series includes 1W to 10.5W modules. Each module has short circuit protection and the 5V outputs also have overvoltage protection. Conservative design and rating of these modules results in reliable operation and long life. The PM500CE design is a low emissions design with tightly regulated outputs making the series especially suitable for test, measurement and instrumentation equipment.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage accuracy Voltage adjustability Line regulation Load regulation Temperature coefficient Overvoltage protection (See Note 4) Output power limit Short circuit protection
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 1.0% max. Yes See table See table 0.02%/C GENERAL SPECIFICATIONS Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022 EN55022 EN61000-4-2, EN61000-4-2, EN61000-4-5, EN61000-4-4, EN61000-4-3, EN61000-4-6, Level B Level B criteria 1 criteria 1 criteria 1 criteria 1 criteria 1 criteria 1
level level level level level level
3 4 3 3 3 3
Perf. Perf. Perf. Perf. Perf. Perf.
5V outputs only Typical Switch off/on
6.2V typical Efficiency 130% to 200% FL 100% to 200% FL Isolation voltage Isolation capacitance Approvals and standards 230VAC 10% Case material UL94V-0 Case B1 Case B2 Case B3 47Hz to 400Hz <3.5mA @ 50Hz Weight (See Note 5) 40% typical 3000VAC 50pF Meets EN60950 Non-conductive black plastic 340g (12oz) 408g (14.4oz) 635g (22.4oz) 710,000 hours
INPUT SPECIFICATIONS Input voltage range Input frequency range Safety ground leakage current (See Note 2)
MTBF (See Note 3) ENVIRONMENTAL SPECIFICATIONS Thermal performance
Operating amb. -25C to +71C Non-operating amb. -25C to +85C Derating, 50C to 71C 2.5%/C Cooling Free-air convection cooled Non-condensing 20% to 95% RH
Relative Humidity
PAGE 88
ENCAPSULATED LINEAR AC/DC POWER SUPPLIES
|
1-10.5W AC
1 to 10.5 Watt AC/DC encapsulated modules
OUTPUT VOLTAGE OUTPUT CURRENT OVP
(4)
LINE
REGULATION LOAD SINGLE OUTPUT
RIPPLE AND NOISE
CASE
AVAILABLE MODELS
5VDC 5VDC 5VDC
500mA 1000mA 2000mA
Yes Yes Yes
0.02% 0.02% 0.02%
0.04% 0.04% 0.05% DUAL OUTPUT
1mV rms 1mV rms 1mV rms
B2 B2 B3
PM534CE PM542CE PM545CE
12VDC 12VDC 15VDC 15VDC 15VDC
240mA 400mA 100mA 200mA 350mA
No No No No No
0.02% 0.02% 0.02% 0.02% 0.02%
0.02% 0.02% 0.02% 0.02% 0.02% TRIPLE OUTPUT
(1)
0.5mV rms 0.5mV rms 0.5mV rms 0.5mV rms 1mV rms
B2 B3 B2 B2 B3
PM537CE PM597CE PM505CE PM565CE PM501CE
5V/12VDC 5V/12VDC 5V/15VDC 5V/15VDC
500/120mA 1000/150mA 500/100mA 1000/150mA
Yes Yes Yes Yes
0.02% 0.02% 0.05% 0.02%
.05%/.02% .01%/.02% .10%/.05% .01%/.02%
0.5mV rms 1.0/0.5mV rms 0.5mV rms 1.0/0.5mV rms
B2 B3 B2 B3
PM591CE PM592CE PM590CE PM593CE
3
Notes
1 2 3 4 5 Triple output models only: the 5V output common is isolated from the 12VDC or 15VDC common. Some units should be derated for operation at 400Hz. Please contact the factory for details. M.T.B.F. figures are based on actual product performance. Consult factory for details. Triple output models only: overvoltage protection is only available on the 5V outputs. All models are only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
CASE B
SINGLE OUTPUT MODELS
2.50 (63.5)
0.60 (15.2) 0.50 (12.7) 0.50 (12.7) 0.60 (15.2)
CASE B
DUAL OUTPUT MODELS
2.50 (63.5)
0.60 (15.2) 0.50 (12.7) 0.50 (12.7) 0.60 (15.2)
CASE B
TRIPLE OUTPUT MODELS STANDARD PINOUT
2.50 (63.5)
0.60 (15.2) 0.50 (12.7) 0.50 (12.7)
SIDE VIEW
0.15 (3.8)
- OUT
0.15 (3.8)
+ OUT
0.60 (15.2)
0.15 (3.8)
+
1.62 (41.1) 1.25 (31.8) 0.88 (22.4)
+
COM
COM 5V
COM
OUT
1.60 (40.6) 3.50 (88.9)
1.60 (40.6) 3.50 (88.9)
-
NC
- OUT
+ 5V
1.60 (40.6) 3.50 (88.9)
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC AC
1.60 (40.6)
AC
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC
1.60 (40.6)
AC
INSERTS 4.40 THREAD 0.125 (3.2) DEEP
AC
1.60 (40.6)
B1 B2 B3
2.20 (55.9)
2.20 (55.9)
ALL DIMENSIONS IN INCHES (mm)
2.20 (55.9)
0.040 (1.0) DIA. PINS
0.20 (5.1) MIN.
DS_PM500CE_20000101.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 89


▲Up To Search▲   

 
Price & Availability of PM534CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X